|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TL081 General purpose JFET single operational amplifiers Features Wide common-mode (up to VCC+) and differential voltage range Low input bias and offset current Output short-circuit protection High input impedance JFET input stage Internal frequency compensation Latch-up free operation High slew rate: 16V/s (typ) D SO8 (Plastic micropackage) Pin connections (top view) N DIP8 (Plastic package) DESCRIPTION The TL081, TL081A and TL081B are high-speed JFET input single operational amplifiers incorporating well matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit. The devices feature high slew rates, low input bias and offset currents, and low offset voltage temperature coefficient. 1 - Offset null 1 2 - Inverting input 3 - Non-inverting input 4 - VCC5 - Offset null 2 6 - Output 7 - VCC+ 8 - N.C. July 2007 Rev 2 1/14 www.st.com 14 Schematic diagram TL081 1 Schematic diagram Figure 1. Schematic diagram V CC Non-inverting input Inverting input 100 200 Output 100 30k 8.2k 1.3k V CC 35k 1.3k 35k 100 Offset Null1 Offset Null2 Figure 2. Input offset voltage null circuit TL081 N1 N2 100k V CC 2/14 TL081 Absolute maximum ratings 2 Table 1. Symbol VCC Vin Vid Ptot Absolute maximum ratings Absolute maximum ratings Parameter Supply voltage (1) Input voltage (2) (3) TL081M, AM, BM TL081I, AI, BI 18 15 30 680 Infinite -65 to +150 TL081C, AC, BC Unit V V V mW Differential input voltage Power dissipation Output short-circuit duration (4) Tstg Storage temperature range Thermal resistance junction to ambient(5) (6) SO-8 DIP8 Thermal resistance junction to case(5) (6) SO-8 DIP8 HBM: human body model(7) ESD MM: machine model (8) (9) C Rthja 125 85 C/W Rthjc 40 41 500 200 1.5 C/W V V kV CDM: charged device model 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC+ and VCC-. 2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 3. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 5. Short-circuits can cause excessive heating and destructive dissipation. 6. Rth are typical values. 7. Human body model: 100pF discharged through a 1.5k resistor between two pins of the device, done for all couples of pin combinations with other pins floating. 8. Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5), done for all couples of pin combinations with other pins floating. 9. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to the ground. Table 2. Symbol VCC Toper Operating conditions Parameter Supply voltage range Operating free-air temperature range -55 to +125 TL081M, AM, BM TL081I, AI, BI 6 to 36 -40 to +105 0 to +70 TL081C, AC, BC Unit V C 3/14 Electrical characteristics TL081 3 Table 3. Symbol Electrical characteristics VCC = 15V, Tamb = +25C (unless otherwise specified) Parameter TL081I,M,AC,AI,AM BC,BI,BM Min. Input offset voltage (Rs = 50) TL081 Tamb = +25C TL081A TL081B Tmin Tamb Tmax TL081 TL081A TL081B Input offset voltage drift Input offset current Tamb = +25C Tmin Tamb Tmax Input bias current (1) Tamb = +25C Tmin Tamb Tmax Large signal voltage gain (RL = 2k Vo = 10V) , Tamb = +25C Tmin Tamb Tmax Supply voltage rejection ratio (RS = 50) Tamb = +25C Tmin Tamb Tmax Supply current, no load Tamb = +25C Tmin Tamb Tmax Input common mode voltage range Common mode rejection ratio (RS = 50) Tamb = +25C Tmin Tamb Tmax Output short-circuit current Tamb = +25C Tmin Tamb Tmax Output voltage swing Tamb = +25C Tmin Tamb Tmax RL = 2k RL = 10k RL = 2k RL = 10k 11 50 25 80 80 (1) TL081C Unit Min. Typ. Max. Typ. Max. Vio 3 3 1 10 6 3 13 7 5 3 10 mV 13 DVio Iio 10 5 100 4 200 20 25 15 70 70 2.5 2.5 11 10 5 100 10 400 20 V/C pA nA nA Iib 20 20 Avd 200 200 V/mV SVR 86 86 dB ICC 1.4 +15 -12 86 1.4 +15 -12 86 2.5 2.5 mA Vicm V CMR 80 80 10 10 10 12 10 12 8 70 70 60 60 10 10 10 12 10 12 8 dB Ios 40 40 60 60 mA Vopp 12 13.5 12 13.5 V SR Slew rate (Tamb = +25C) , Vin = 10V, RL = 2k CL = 100pF, unity gain 16 16 V/s 4/14 TL081 Table 3. Symbol Electrical characteristics VCC = 15V, Tamb = +25C (unless otherwise specified) (continued) Parameter TL081I,M,AC,AI,AM BC,BI,BM Min. Typ. 0.1 10 2.5 4 1012 0.01 2.5 Max. Min. TL081C Unit Typ. 0.1 10 4 1012 0.01 Max. s % MHz % tr Kov GBP Ri THD Rise time (Tamb = +25C) , Vin = 20mV, RL = 2k CL = 100pF, unity gain Overshoot (Tamb = +25C) , Vin = 20mV, RL = 2k CL = 100pF, unity gain Gain bandwidth product (Tamb = +25C) , Vin = 10mV, RL = 2k CL = 100pF, f= 100kHz Input resistance Total harmonic distortion (Tamb = +25C), ,C f= 1kHz, RL = 2k L = 100pF, Av = 20dB, Vo = 2Vpp Equivalent input noise voltage RS = 100, f = 1KHz Phase margin en m 15 45 15 45 nV ----------Hz degrees 1. The input bias currents are junction leakage currents which approximately double for every 10C increase in the junction temperature. 5/14 Electrical characteristics TL081 Figure 3. Maximum peak-to-peak output voltage versus frequency Figure 4. Maximum peak-to-peak output voltage versus frequency Figure 5. Maximum peak-to-peak output voltage versus frequency Figure 6. Maximum peak-to-peak output voltage versus free air temperature Figure 7. Maximum peak-to-peak output voltage versus load resistance Figure 8. Maximum peak-to-peak output voltage versus supply voltage 30 25 RL = 10 k Tamb = +25C MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE (V) 20 15 10 5 0 2 4 6 8 10 12 SUPPLY VOLTAGE ( V) 14 16 6/14 TL081 Electrical characteristics Figure 9. Input bias current versus free air temperature Figure 10. Large signal differential voltage amplification versus free air temp 1000 100 V CC = INPUT BIAS CURRENT (nA) 10 1 0.1 15V DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V) 400 200 100 40 20 10 4 2 1 -75 V CC = 15V V O = 10V R L = 2k -50 -25 0 25 50 75 100 125 0.01 -50 -25 0 25 50 75 100 125 TEMPERATURE (C) TEMPERATURE (C) Figure 11. Large signal differential voltage amplification and phase shift versus frequency Figure 12. Total power dissipation versus free air temperature PHASE SHIFT (right scale) DIFFERENTIAL VOLTAGE AMPLIFICATION (left scale) 180 10 1 100 R = 2kW L C L = 100pF V CC = 15V T amb = +125C 1K 10K 100K 1M 10M FREQUENCY (Hz) 90 0 TOTAL POWER DISSIPATION (mW) 100 250 225 200 175 150 125 100 75 50 25 0 -75 -50 -25 0 25 50 TEMPERATURE (C) DIFFERENTIAL VOLTAGE AMPLIFICATION (V/V) V CC = 15V No signal No load 75 100 125 Figure 13. Supply current per amplifier versus Figure 14. Supply current per amplifier versus free air temperature supply voltage 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75 -50 -25 0 25 50 TEMPERATURE (C) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 SUPPLY CURRENT (mA) SUPPLY CURRENT (mA) V CC = 15V No signal No load Tamb = +25C No signal No load 75 100 125 2 4 6 10 12 14 8 SUPPLY VOLTAGE ( V) 16 7/14 Electrical characteristics TL081 Figure 15. Common mode rejection ratio versus free air temperature 89 COMMON MODE MODE REJECTION RATIO (dB) Figure 16. Equivalent input noise voltage versus frequency 70 EQUIVALENT INPUT NOISE VOLTAGE (nV/VHz) 88 87 86 85 84 83 -75 R L = 10 k VC C = 15V 60 50 40 30 20 10 0 10 40 100 400 1k VCC = 15V A V = 10 R S = 100 T amb = +25C -50 -25 0 25 50 75 100 125 4k 10k 40k 100k TEMPERATURE (C) FREQUENCY (Hz) Figure 17. Output voltage versus elapsed time Figure 18. Total harmonic distortion versus frequency 28 1 TOTAL HARMONIC DISTORTION (%) OVERSH OOT OUTPUT VOLTAGE (mV) 24 20 16 12 8 4 10% 90% 0.4 0.1 0.04 0.01 0.004 0.001 100 V V = = 15V 15V CC CC 1 A A V= = 1 V V V O (rms) = 6V O (rms) = 6V T amb = = +25C T amb +25C V CC = 15V 0 -4 0 tr 0.1 0.2 0.3 0.4 TIME (s) R L = 2k Tamb = +25C 0.5 0.6 0.7 400 1k 4k 10k 40k 100k FREQUENCY (Hz) Figure 19. Voltage follower large signal pulse response INPUT AND OUTPUT VOLTAGES (V) 6 4 2 0 -2 -4 -6 0 VCC= OUTPUT INPUT 15V R L = 2 kW C L= 100pF Tamb = +25C 0.5 1 1.5 2 2.5 3 3.5 TIME (ms) 8/14 TL081 Electrical characteristics Parameter measurement information Figure 20. Voltage follower Figure 21. Gain-of-10 inverting amplifier 10k 1k eI TL081 eo RL C L = 100pF 9/14 Typical applications TL081 4 Typical applications Figure 22. 0.5Hz square wave oscillator R F = 1 0 0k 3.3k +15V TL0 81 1k C F= 3.3 F -15V 3.3k 9.1k f osc= 1 2 x R F CF Figure 23. High Q notch filter 5 Package information In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. 10/14 TL081 Figure 24. DIP8 package mechanical data Dimensions Ref. Min. A A1 A2 b b2 c D E E1 e eA eB L 2.92 3.30 0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10 3.30 0.46 1.52 0.25 9.27 7.87 6.35 2.54 7.62 10.92 3.81 0.115 4.95 0.56 1.78 0.36 10.16 8.26 7.11 Millimeters Typ. Max. 5.33 0.015 0.115 0.014 0.045 0.008 0.355 0.300 0.240 Min. Package information Inches Typ. Max. 0.210 0.130 0.018 0.060 0.010 0.365 0.310 0.250 0.100 0.300 0.195 0.022 0.070 0.014 0.400 0.325 0.280 0.430 0.130 0.150 11/14 Package information Figure 25. SO-8 package mechanical data Dimensions Ref. Min. A A1 A2 b c D H E1 e h L k ccc 0.25 0.40 1 0.10 1.25 0.28 0.17 4.80 5.80 3.80 4.90 6.00 3.90 1.27 0.50 1.27 8 0.10 0.010 0.016 1 0.48 0.23 5.00 6.20 4.00 Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.011 0.007 0.189 0.228 0.150 0.193 0.236 0.154 0.050 Min. Inches Typ. TL081 Max. 0.069 0.010 0.019 0.010 0.197 0.244 0.157 0.020 0.050 8 0.004 12/14 TL081 Ordering information 6 Ordering information Table 4. Order codes Temperature range Package Packing Marking TL081MN TL081AMN TL081BMN 081M 081AM 081BM TL081IN TL081AIN TL081BIN 081I 081AI 081BI 081IY TL081CN TL081ACN TL081BCN 081C 081AC 081BC Part number TL081MN TL081AMN TL081BMN DIP8 -55C, +125C Tube TL081MD/MDT TL081AMD/AMDT TL081BMD/BMDT TL081IN TL081AIN TL081BIN TL081ID/IDT TL081AID/AIDT TL081BID/BIDT TL081IYD/IYDT(1) TL081CN TL081ACN TL081BCN 0C, +70C TL081CD/CDT TL081ACD/ACDT TL081BCD/BCDT -40C, +105C SO-8 Tube or tape & reel DIP8 Tube SO-8 SO-8 (Automotive grade) DIP8 Tube or tape & reel Tube or tape & reel Tube SO-8 Tube or tape & reel 1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. 7 Revision history Table 5. Date 30-Apr-2001 Document revision history Revision 1 Initial release. Added values for Rthja and Rthjc in Table 1: Absolute maximum ratings. Added Table 2: Operating conditions. Added automotive grade part numbers in Table 4: Order codes. Format update. Changes 27-Jul-2007 2 13/14 TL081 Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 14/14 |
Price & Availability of TL08107 |